PART |
Description |
Maker |
ARM2815T ARM2812T |
Hi-Rel DC-DC MegaRad-Hard Triple Converter in a ARM package
|
International Rectifier
|
OD-800L |
HI-REL RAD HARD IR EMITTERS
|
OptoDiode Corp
|
M3G500515T M3G503R315T |
Hi-Rel DC-DC Rad-Hard Triple Converter in a M3G package
|
International Rectifier
|
ART2815T ART2812T |
DC to DC Converter DC至DC转换 Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package
|
International Rectifier, Corp.
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
IRHSNA53064 IRHSNA58064 IRHSNA54064 IRHSNA57064 |
From old datasheet system RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2) 60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package
|
http:// IRF[International Rectifier]
|
IRHSNA53Z60 IRHSNA54Z60 IRHSNA57Z60 IRHSNA58Z60 |
RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) 30V N-CHANNEL 30V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package
|
IR International Rectifier
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|
MC642.REV3 MC623DR2 |
3.0 V, Dual Trip Point Temperature Sensor 3.0 V的双跳变点温度传感器 3.0 V, Dual Trip Point Temperature Sensor
|
ONSEMI[ON Semiconductor]
|
ADM212 |
Thermocouple Trip Transmitter
|
List of Unclassifed Manufacturers ETC
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|